Part Number Hot Search : 
1SAM7 68HC705 MN103 2SC460 2SC460 2SC30 L132XPG AP9936
Product Description
Full Text Search
 

To Download UHC1E330MPD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
HC
Low Impedance
series
Approved by Reliability Center for Electronic Component, Japan-Certification No. RCJ-03-23C
Lower impedance than HD series. Adapted to the RoHS directive (2002/95/EC).
HC
Low Impedance
HD
Specifications
ltem
Category Temperature Range - 40 ~ +105C Rated Voltage Range
6.3 ~ 35V
Performance Characteristics
Rated Capacitance Range 4.7 ~ 1000F Capacitance Tolerance Leakage Current tan
20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is less than 0.01CV or 3 (A), whichever is greater.
Rated voltage (V) tan (MAX.) Rated voltage (V)
6.3 0.15 6.3 2
10 0.13 10 2
16 0.12 16 2
25 0.10 25 2
35 0.10 35 2
120Hz 20C
Stability at Low Temperature Impedance ratio ZT / Z20 (MAX.) Z-40C / Z+20C
120Hz
< After an application of D.C. bias voltage plus the rated ripple current for 2000 hours (D = 6.3 : 1000 hours ) at 105C the peak voltage shall not exceed the rated D.C. voltage, capacitors meet the characteristic requirements listed below.
Endurance
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value lnitial specified value or less
Marking
Printed with white color letter on black sleeve.
Radial Lead Type
Sleeve (P.E.T.) +0.5 MAX.
fd
Type numbering system (Example : 10V 470F)
UHC 1 A 4 7 1 M PD
Configuration Capacitance tolerance ( 20%) Rated Capacitance (470mF) Rated voltage (10V) Series name Type Configuration Pb-free leadwire fD Pb-free PET sleeve 4 5 DD 6.3 (7L) 6.3 (11L) ED 8 a 10 PD
P 0.5
1 2 3 4 5 6 7 8 9 10 11
Pressure relief vent 15MIN L+ MAX. (f6.3up) (No pressure relief vent for 7mmL products)
fD
4MIN
(L = 7) 1.0 (L 11) 1.5
fD
( ) : Applied to 7mmL products
4 5 6.3 8 10 P 1.5 2.0 2.5 3.5 5.0 0.5 fd 0.45 0.45 (0.45) 0.6 0.6
(mm)
* Please refer to page 21 about the end seal configulation.
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
HC
series
Standard ratings
V (Code)
6.3 (0J)
Case size D x L (mm)
(mArms) 20C / 100kHz 105C / 100kHz
10 (1A)
Rated ripple
Case size D x L (mm)
(mArms) 20C / 100kHz 105C / 100kHz
16 (1C)
Rated ripple
Case size D x L (mm)
(mArms) 20C / 100kHz 105C / 100kHz
Item Cap.(F) Code
Impedance ( ) MAX.
Impedance ( ) MAX.
Impedance ( ) MAX.
Rated ripple
22 33 47 100 220 330 470 1000
220 330 470 101 221 331 471 102 4x7 5x7 6.3 x 7 6.3 x 11 8 x 11.5 8 x 11.5 10 x 16 0.48 0.26 0.15 0.077 0.043 0.043 0.024 230 350 480 640 910 910 1650
4x7 5x7 5x7 6.3 x 7 8 x 11.5 8 x 11.5 10 x 12.5
0.49 0.26 0.26 0.15 0.044 0.043 0.030
230 350 350 480 910 910 1230
5x7 5x7 6.3 x 7 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16
0.26 0.26 0.15 0.078 0.044 0.030 0.025
350 350 480 640 910 1230 1650
V (Code)
25 (1E)
Case size D x L (mm)
(mArms) 20C / 100kHz 105C / 100kHz
35 (1V)
Rated ripple
Case size D x L (mm)
(mArms) 20C / 100kHz 105C / 100kHz
Item Cap. (F) Code
Impedance ( ) MAX.
Impedance ( ) MAX.
Rated ripple
4.7 10 22 33 47 100 220 330
4R7 100 220 330 470 101 221 331 4x7 5x7 6.3 x 7 6.3 x 7 6.3 x 11 10 x 12.5 10 x 16 0.52 0.27 0.16 0.15 0.078 0.031 0.026 230 350 480 480 640 1230 1650
4x7 5x7 6.3 x 7 6.3 x 7 6.3 x 11 8 x 11.5 10 x 16
0.64 0.33 0.17 0.16 0.089 0.048 0.026
230 350 480 480 640 910 1650
Frequency coefficient of rated ripple current
Cap. (F) Frequency
120Hz
0.40 0.47 0.55
1kHz 0.68 0.75 0.85
10kHz 0.90 0.95 0.98
100kHz 1.00 1.00 1.00
4.7 ~ 33 47 ~ 330 470 ~ 1000
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UHC1E330MPD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X